Part Number Hot Search : 
XW6822A R37140 BD45245 2SC3725 PAP5MS BD371B 20K100 TZ1387A
Product Description
Full Text Search
 

To Download SF8L60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
Super Fast Recovery Rectifiers
Single
SF8L60
600V 8A
FEATURES Voltage *oe trr70ns *oe Fully Isolated Molding *oe Dielectric strength 2kV guaranteed APPLICATION *oe PFC *oe Switching power supply *oe Free Wheel *oe CTV+B output, lighting
*oe High
OUTLINE DIMENSIONS
Case : FTO-220 (Unit : mm)
RATINGS
*oeAbsolute Maximum Ratings (If not specified Tc=25*Z) Item Symbol Conditions Ratings Storage Temperature Tstg -55*150 Operating Junction Temperature Tj 150 Maximum Reverse Voltage V RM 600 Average Rectified Forward Current 50Hz sine wave, R-load, Tc=118*Z IO 8 Peak Surge Forward Current IFSM50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25*Z 170 Dielectric Strength Vdis Terminals to case, AC 1 minute 2 Mounting Torque TOR (Recommended torque*0.3Nm) F 0.5 *oeElectrical Characteristics (If not specified Tc=25*Z) Item Symbol Conditions Forward Voltage V IF F =8A, Pulse measurement Reverse Current IR V=V Pulse measurement R RM, Reverse Recovery Time =0.5A,*@ I =1A trr IF R Thermal Resistance AEjc junction to case Ratings Max.1.5 Max.25 Max.70 Max.2.5 Unit *Z *Z V A A kV Nm Unit V EA ns *Z/W
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
SF8L60
Forward Voltage
10
Forward Current IF [A]
Tc=150C [MAX] Tc=150C [TYP] Tc=25C [MAX] Tc=25C [TYP] 1
Pulse measurement per diode
0.1
0
0.4
0.8
1.2
1.6
2
2.4
2.8
Forward Voltage VF [V]
SF8L60
20
Forward Power Dissipation
Forward Power Dissipation PF [W]
DC D=0.8 15 SIN 0.3 0.2 10 0.1 0.05 0.5
5
0
0
2
4
6
8
10
12
14
16
Average Rectified Forward Current IO [A]
Tj = Tjmax IO 0 tp D=tp /T T
SF8L60
16
Derating Curve
Average Rectified Forward Current IO [A]
14 DC 12 D=0.8 10 8 6 4 2 0 0.5 SIN 0.3 0.2 0.1 0.05
0
20
40
60
80
100
120
140
160
Case Temperature Tc [C]
VR = VRM 0 0
IO
VR tp D=tp /T T
SF8L60
350
Peak Surge Forward Capability
IFSM
10ms 10ms
300
1 cycle
Peak Surge Forward Current IFSM [A]
non-repetitive, sine wave, Tj=25C before surge current is applied
250
200
150
100
50
0
1
2
5
10
20
50
100
Number of Cycles [cycles]
SF8L60
Junction Capacitance
f=1MHz Tc=25C TYP per diode
1000
Junction Capacitance Cj [pF]
100
1
10
100
Reverse Voltage VR [V]


▲Up To Search▲   

 
Price & Availability of SF8L60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X